PART |
Description |
Maker |
SST89E54RD2-40-I-PJ SST89V52RD2-40-I-PJ SST89V58RD |
DIODE SWITCH 80V 25MA SOT-353 FlashFlex51单片 XSTR GP SWITCH 75V 0.6A 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU FlashFlex51单片 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 TRANS DUAL NPN 50V 30MA SOT-353
|
Silicon Storage Technol... SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc.
|
UML6N |
SOT-353 Plastic-Encapsulate Biploar Transistors
|
Micro Commercial Components
|
BT137F-600 BT137F BT137F-800G BT137F-500 BT137F-50 |
1-of-8 Decoder 16-CDIP -55 to 125 DIODE DUAL SW 75V 350MW SOT-23 DIODE SWITCH 85V 150MW SOT-523 DIODE SWITCHING DUAL COMMON-ANODE 75V 215mA-Io 150mW 3000ns-trr SOT-523 3K/REEL DIODE SWITCHING DUAL SERIES 75V 150mA-Io 200mW 4ns-trr SOT-323 3K/REEL DIO SM DUAL SER BAV99W SOT323 Transient Voltage Suppressor Diodes Triacs 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC DIODE SWITCHING DUAL-DUAL COMMON-CATHODE/ANODE 75V 150mA-Io 200mW 4ns-trr SOT-363 3K/REEL 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC SMD DIODE BAW56 70V 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
N800206 |
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
|
E-SWITCH
|
N810605 |
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
|
E-SWITCH
|
N800007 |
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
|
E-SWITCH
|
N800006 |
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
|
E-SWITCH
|
N800009 |
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
|
E-SWITCH
|
MMSTA56-7 |
TRANSISTOR PNP -80V SOT-323
|
DIODES INC
|
MC74VHC1G00DFT1G |
Single 2 Input NAND Gate; Package: SC-88A, SOT-353, SC-70 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 AHC/VHC SERIES, 2-INPUT NAND GATE, PDSO5
|
ON Semiconductor
|
MC142100 MC142100AL MC142100AP MC142100CL MC142100 |
Overvoltage/Undervoltage Protection IC in SOT-23-5 5-SOT-23 -40 to 85 4 × 4交叉点开关控制存储器 4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
3SK231 3SK231U1C 3SK231U1D |
N-Channel Silicon Dual-Gate MOSFET(应用于RF放大器的N沟道双门MOSFET) 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit TRANSISTOR | MOSFET | N-CHANNEL | 18V V(BR)DSS | 25MA I(D) | SOT-143R
|
NEC Corp.
|